Part Number Hot Search : 
54HC1 AD7302 AN3122 BZX79 91C94 LMEAPJR5 HG106C 56HFA
Product Description
Full Text Search
 

To Download MUR280S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR280S
GLASS PASSIVATED JUNCTION
Ultra fast Plastic Rectifiers
VOLTAGE: 800V CURRENT:2.0A DO-41/DO-204AL -
FEATURE
Plastic package has Underwriters Laboratories Flammability Classification 94V-0 Ideally suited for use in very high frequency switching power supplies, inverters and as free wheeling diodes Ultra fast recovery time for high efficiency Excellent high temperature switching Glass passivated junction High temperature soldering guaranteed: 250 C/10 seconds, 0.375" (9.5mm) lead length,5 lbs. (2.3kg ) tension
MECHANICAL DATA
Case: JEDEC DO-41 molded plastic body over passivated chip Terminals: Plated axial leads, solderable per MIL-STD-202E, Method 208C Polarity: Color band denotes cathode end Mounting Position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half-wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified at=60C Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage at rated Forward Current and 25C Maximum Reverse Recovery Time (Note 1) Typical thermal resistance junction to ambient (Note 2) Maximum DC Reverse Current Ta =25C at rated DC blocking voltage Ta =125C Storage and Operating Temperature Range Note: 1. Reverse Recovery Condition If =0.5A, Ir =1.0A, Irr =0.25A
2. Thermal Resistance from Junction to Ambient at 3/8"lead length, P.C. Board Mounted
MUR280S 800 560 800 2.0 35 1.75 75 50 10 100 -55 to +150
units V V A A V nS C/W A A
Vrrm Vrms Vdc If(av) Ifsm Vf Trr Rth(ia) Ir Tstg, Tj
C
Rev.A1
www.gulfsemi.com
RATINGS AND CHARACTERISTIC MURVES MUR280S
Rev.A1
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of MUR280S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X